Part Number Hot Search : 
DTA144 SJ432BS 1GVCDK 25080VI M1BS24H MX13150 015001 HAT2068R
Product Description
Full Text Search
 

To Download MLO80100-01020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Voltage Controlled Oscillator EGSM 1000 - 1040 MHz MLO80100-01020
V2.00
Features
q q q q q
LSM1 Package
4.0 0.8 IDENT 12.7 11.8 VCC
Miniature Size Surface Mount Package Electrically Shielded Low Phase Noise Highly Linear Tuning
M/A-COM RF 11.8 12.7 7.15 2 8.0 SOLDER RESIST VT PART NO. DATE
Description
The MLO80100-01020 is a fundamental single ended oscillator designed for use in cost sensitive wireless and telemetry applications. The device has been optimised by careful selection of the bipolar transistor and varactor diode for low phase noise and highly linear tuning characteristics. The low profile surface mount package used provides for electrical shielding, ease of assembly and repeatable performance. M/A-COM's surface mount manufacturing techniques together with automated assembly and electrical testing ensure a high degree of electrical and mechanical repeatability at low cost and in high volume. Manufacturing is carried out in an ISO 9000 qualified facility.
1.6 1.7 0.8 1.5 5.5
4
DETAIL A.
1 3 3.2 5.5
DETAIL A.
Electrical Specifications1, TA = +25C, VCC = +5V (unless otherwise stated)
Parameter Frequency Range Tuning Voltage (VT)2 RF Output Power3 Supply Voltage (VCC)4 Supply Current (ICC) Phase Average Tuning Sensitivity6 Tuning Linearity Harmonic Outputs7 Frequency Pushing Frequency Pulling Frequency Drift Tune Input Capacitance Noise5 SSB at 100 KHz offset from carrier 1000 - 1040 MHz 1000 - 1040 MHz VCC 4.75V to 5.25V 1.5:1 VSWR load, all phases -20C to +70C Test Conditions Units MHz V dBm V mA dBc/Hz MHz/V Ratio dBc MHz/V MHz MHz/C pF Min. 1000 +0.5 -3.0 +4.75 Typ. Max. 1040 +4.5 +3.0 +5.25 15 -123 1.5 -12 2.5 2.0 50
1000 - 1040 MHz
+5.00 13 -127 17 1.1 -15 1.8 1.0 -0.08
1. All specifications apply with a 50 ohm load impedance. 2. Tuning voltages shown are the minimum and maximum voltages required to tune the frequency range including temperature effects -20C to +70C. Devices will oscillate normally with tuning voltages from 0V to +10V. 3. Output power window includes unit to unit variation, temperature effects -20C to +70C and frequency flatness (typically 0.5 dB at any constant temperature).
4. Devices may be operated at lower typical supply voltage with reduced performance. 5. For typical phase noise at other offsets see phase noise curve. 6. Defined as (1040 - 1000) / (VT1040 - VT1000) MHz/V. 7. Non-harmonic spurious less than -70dBc.
Specifications Subject to Change Without Notice.
M/A-COM Ltd.
North America: Tel. (800) 366-2266 Fax (800) 618-8883
s
1
Asia/Pacific: Tel. +81 3 3263-8761 Fax +81 3 3263-8769
s
Europe: Tel. +44 (1344) 869 595 Fax +44 (1344) 300 020
Surface Mount Voltage Controlled Oscillator Absolute Maximum Ratings
Parameter Tuning Voltage (VT) Supply Voltage (VCC)
2
MLO80100-01020
V2.00
1
Functional Configuration
Pad 1 2 3 4 Case / Lid
Substrate Material FR4.
Absolute Maximum 0 to +15V +6V -45C to +100C +230C for 10 secs
Configuration RF Output VCC VT N/C or Ground Ground
Storage Temperature Solder Assembly Temperature
1. Exceeding these limits may cause permanent damage. 2. A series resistor will allow operation at any greater supply voltage. Used in conjunction with a bypass capacitor this will yield improved power supply decoupling and noise suppression. 3. Static sensitive, observe appropriate precautions.
Environmental Specifications
Devices are designed to operate over the temperature range of -20C to +70C and after exposure to the shock vibration, thermal shock and moisture conditions typically encountered in base station and subscriber terminal environments.
Typical Performance @ +25C and VCC +5V
PHASE NOISE
PHASE NOISE (dBc/Hz)
-40 -60 -80 -100 -120 -140 -160 -180 100 1K 10K 100K 1M 10M 1.06
TUNING CURVE
FREQUENCY (GHz)
1.04 1.02 1.00 0.98 0.0
1.0
2.0
3.0
4.0
5.0
FREQUENCY OFFSET FROM CARRIER (Hz)
TUNING VOLTAGE (V)
OUTPUT POWER
OUTPUT POWER (dBm)
2.0 1.0 0.0 -1.0 -2.0 -3.0 .99 1.00 1.01 1.02 1.03 1.04 1.05
TUNING SENSITIVITY
TUNING SENSITIVITY (MHz/V)
25.0 20.0 15.0 10.0 5.0 0.0 1.0 2.0 3.0 4.0 5.0
3.0
FREQUENCY (GHz)
TUNING VOLTAGE (V)
Specifications Subject to Change Without Notice.
2
North America: Tel. (800) 366-2266 Fax (800) 618-8883
s
M/A-COM Ltd.
Asia/Pacific: Tel. +81 3 3263-8761 Fax +81 3 3263-8769
s
Europe: Tel. +44 (1344) 869 595 Fax +44 (1344) 300 020


▲Up To Search▲   

 
Price & Availability of MLO80100-01020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X